|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
High Stability CMOS Oscillator Specifications GXO-3302 Product GXO-3302 Parameters Frequency range: 0.50 ~ 45.0MHz Frequency stability: 10ppm Option Codes Operating temperature range: -30 to +85C Storage temperature range: -40 to +85C 3.30 (max) 2.60 (max) 1.00 (max) Supply voltage (VDD): +2.5V ~ +5.0V (see note) Supply current (max): ACTUAL SIZE SOLDER PAD LAYOUT 1.60 10mA Logic levels:`0' level = 10%VDD max `1' level = 90%VDD min Start up time: 10ms max 1 2 3 0.50 1.30 4 6 1 4 3 0.80 0.80 Waveform symmetry: 45:55 @ 50%VDD Driving ability: 15pF HCMOS 5ns max 6 5 0.70 1.00 1.00 TOP VIEW Rise / fall time: PAD 1 2 3 4 5 6 CONNECTION Enable / disable Not connected Ground Output Not connected Supply Enable / disable function: Tristate (control via pad 1) Stand-by current: Period jitter RMS: 10A max 3ps typ Phase noise (typ): -140dBc/Hz @ 1kHz Scale 3:1 Ageing: 5ppm / year max Features Ordering Information Product name + frequency eg: GXO-3302 40.0MHz 10ppm, -30+85C Will operate within specification on any supply voltage from +2.5V to +5.0V. High stability for WiMAX, LAN etc Miniature SM package Low voltage supply Enable / disable tristate function Competitive pricing Enable / Disable Function Input (pad 1) Open `1' level `0' level Output (pad 3) Enabled Enabled High Impedance Standard Frequencies Frequencies in MHz 31.25000 40.00000 44.00000 Other frequencies available. Please consult our sales office. Tel: +44 1460 256 100 16 Jun 2006 Fax: +44 1460 256 101 E-mail: sales@golledge.com Web: www.golledge.com Product Information Construction GXO-3302 Ceramic body with gold-plated pads Metal lid, seam sealed Composition RoHS 2002/95/EC This product is lead-free, and is fully compliant with the RoHS directive 2002/95/EC Pb LeadFree Packaging & Handling Production quantities supplied on T & R, 1k or 3k pcs per reel. Small quantities may be supplied on tape (no reel), or in bulk. Static sensitive product. Observe proper handling precautions Soldering Profile C 260 260C 5C 10s max Marking G02 DC FREQUENCY Marking type: Laser DC = Date code in YM, eg "CE" = May 2003 200 5C/s max AB CDE F GH J K LM Y 1 2 3 4 5 6 7 8 9 0 M Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec 100 5C/s max Tape & Reel Specification 2.0 0.25 0.05 Preheat 140~160C 1.75 0 90s max 200s max Heat > 200C 40s max Slow cooldown Time 2.0 1.0O 1.5O 5 0.05 3.5 MARK 3.4 1.4 2.7 8.0 0.2 Solder resistance: 260C x 10 secs x 2. FEED 8.0 +1.0 -0.5 1.5 120 0.3 2.50 22O 178O 1.0 13O 60O 0.5 Not to scale. Dimensions in mm.Tolerances 0.1mm unless otherwise stated Tel: +44 1460 256 100 16 Jun 2006 Fax: +44 1460 256 101 E-mail: sales@golledge.com Web: www.golledge.com |
Price & Availability of GXO-3202 |